PART |
Description |
Maker |
1346228 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344172 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
8918009100 89180055000 |
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344176 |
Tinned copper conductor, PVC insulation. Covers insulated wire for internal wiring of meters
|
List of Unclassifed Man...
|
9740060500 97400601000 97400605000 9740060U500 |
18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
|
List of Unclassifed Man...
|
PSD913F1-B-90J PSD913F1-B-90M PSD913G1-B-90J PSD91 |
Flash In-System Programmable ISP Peripherals For 8-bit MCUs Shielded Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 Flash In-System Programmable ISP Peripherals For 8-bit MCUs Flash在系统可编程ISP的外设的8位微控制 CAP 22UF 15V 10% TANT SOLID MOLDED SMD-7343-31 T&R B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 CAP 1UF 35V 10% TANT SOLID MOLDED SMD-3528-21 BULK C-MIL-PRF-55365 CAP 22UF 15V 10% TANT SOLID SMD-7343-31 BULK B-MIL-PRF-55365/08 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP 0.1UF 50V 10% TANT SOLID MOLDED AXIAL A-CASE BULK MIL-PRF-49137/5 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes CAP 4.7UF 20V 10% TANT SOLID MOLDED AXIAL B-CASE BULK MIL-PRF-49137/5 CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:22; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导
|
1344181 |
Tinned copper, PVC insulation, medium wall
|
List of Unclassifed Man...
|
1344182 |
Tinned copper, PVC insulation, medium wall
|
List of Unclassifed Man...
|
X28C513E-12 X28C513J-15 X28C513J-90 X28C513JM-25 X |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 28; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061; CSA AWM; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字
|
Xicor Inc. TE Connectivity, Ltd.
|
M29W641DH12ZA1E M29W641DH12ZA1F M29W641DH12ZA6E M2 |
4M X 16 FLASH 3V PROM, 70 ns, PDSO48 Low-Power Single Bus Buffer Gate with 3-State Output 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single Schmitt-Trigger Buffer 5-SOT-23 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Low-Power Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 64 Mbit 4Mb x16 / Uniform Block 3V Supply Flash Memory Low-Power Single Buffer/Driver with Open-Drain Outputs 5-DSBGA -40 to 85
|
NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|
39114009100 39114003100 391140031000 391140055000 |
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
|
List of Unclassifed Man...
|